|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Full-Color Top-View Chip LED (3.5 x 3.0 x 1.55 lens type) OVSTRGBLC6 x x x x Red/green/blue/white in single surface mount package 8 mm tape on 7" reel compatible with automatic placement equipment Each chip individually addressable to provide color ondemand ESD protected [ 1 kV, 1 time (200 pF 0 W)] Product Photo Here The OVSTRGBLC6 is a full-color chip LED with multiple viewing angles and the ability to produce all colors of the visible spectrum, plus white. This small package, combined with high-light output, is ideal for miniature applications. Applications x Automotive (backlighting in dashboard and switches) x Telecommunications (indicator and backlighting in telephone and fax) x Flat backlight (LCDs, membrane switches and symbols) x Personal/portable appliances (mobile phones, pagers, audio/video players and GPS) Part Number OVSTRGBLC6 Material AlInGaP / InGaN Emitted Color Red/Green/Blue Intensity Typ. mcd Lens Color Water Clear 180/550/152 Pin Connection RoHS Moisture GENERAL TOLERANCE: 0.1 DO NOT LOOK DIRECTLY AT LED WITH UNSHIELDED EYES OR DAMAGE TO RETINA MAY OCCUR. OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com Issue A .3 06/06 Page 1 of 7 Full-Color Top-View Chip LED OVSTRGBLC6 Absolute Maximum Ratings SYMBOL PARAMETER VALUE RED GREEN BLUE UNIT PD IF PD IF IFP Power Dissipation (1 chip on) DC Forward Current ( 1 chip on) Power Dissipation (2 or 3 chips on) DC Forward Current (2 or 3 chips on) Pulsed Forward Current 1 2 68 25 22 10 100 98 25 33 10 100 -0.425 98 25 33 10 100 mW mA mW mA mA mA / C IP TOPR TSTG DC Forward Current Reduction (1 chip on) DC Forward Current Reduction2 (2 or 3 chips on) Operating Temperature Storage Temperature -0.1 -30 ~ +80 -40 ~ +100 C C Note: 1. Duty 2. TOPR = 40 ~ 80 C. Use under this condition. Electrical Characteristics RED SYMBOL PARAMETER MIN TYP MAX UNITS CONDITIONS IV VF IR D Electrical Characteristics GREEN SYMBOL PARAMETER MIN TYP MAX UNITS CONDITIONS IV VF1 VF2 D Issue A .3 06/06 Page 2 of 7 0) & " | ('%%$ # ! (c) Luminous Intensity (axial direction) Forward Voltage Reverse Current Dominant Wavelength Spectral Line Half Width 62 ------621 ---- 180 1.9 ------15 461 2.4 100 631 ---- mcd V mA nm nm IF = 20 mA IF = 20 mA VR = 5 V IF = 20 mA IF = 20 mA Luminous Intensity (axial direction) Forward Voltage Forward Voltage Dominant Wavelength Spectral Line Half Width 234 ---2.0 520 ---- 550 3.3 ------35 1334 3.9 ---540 ---- mcd V V nm nm IF = 20 mA IF = 20 mA IF = 5 A IF = 20 mA IF = 20 mA OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com Full-Color Top-View Chip LED OVSTRGBLC6 Electrical Characteristics BLUE SYMBOL PARAMETER MIN TYP MAX UNITS CONDITIONS IV VF1 VF2 D Luminous Intensity (axial direction) Forward Voltage Forward Voltage Dominant Wavelength Width 70 ---2.0 460 ---- 152 3.4 ------25 364 3.9 ---480 ---- mcd V V nm nm IF = 20 mA IF = 20 mA IF = 5 A IF = 20 mA IF = 20 mA Note: Spectral Line Half 1. Duty = 1/20, Pulse Width 1 msec. IF = 20 mA RANK Ranking LUMINOUS INTENSITY (mcd) RED GREEN BLUE J K L M N P Q R 62 ~ 180 234 ~ 550 550 ~ 1334 234 ~ 550 180 ~ 461 550 ~ 1334 70 ~ 152 152 ~ 364 70 ~ 152 152 ~ 364 70 ~ 152 152 ~ 364 70 ~ 152 152 ~ 364 Note: 1. Please contact Optek for designation of Luminous Intensity Ranks. 2. Please state Part Number OVSTRGBLC6 when making an inquiry. Radiation Patterns X Y OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com Issue A .3 06/06 Page 3 of 7 Full-Color Top-View Chip LED OVSTRGBLC6 Typical Electro-Optical Characteristics Curves 1000 TA = 25 C TA = 25 C 500 300 mA % 100 50 30 10 V mA Forward Current vs Forward Voltage Relative Luminous Intensity vs Forward Current TA = 25 C Relative Luminous Intensity Relative Luminous Intensity nm C Relative Luminous Intensity vs Wavelength Relative Luminous Intensity vs Ambient Temperature OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. Issue A .3 06/06 Page 4 of 7 OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com Full-Color Top-View Chip LED OVSTRGBLC6 Typical Electro-Optical Characteristics Curves 626.8 TA = 25 C 545 TA = 25 C 626.4 540 626.0 535 nm 625.6 nm 530 626.2 525 624.8 1 3 5 10 30 50 100 520 1 3 5 10 30 50 100 mA mA Red: Forward Current vs Dominant Wavelength Green: Forward Current vs Dominant Wavelength 478 TA = 25 C 476 474 nm 472 470 468 1 3 5 10 30 50 100 mA Blue: Forward Current vs Dominant Wavelength OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com Issue A .3 06/06 Page 5 of 7 Full-Color Top-View Chip LED OVSTRGBLC6 Reel Dimensions: 7-inch reel Carrier Tape Dimensions: Unloaded Vacant SMD Parts Vacant Cover Tape (END) Vacant (min. 15 pcs) Vacant (min. 10 pcs) Min. 200 (START) Carrier Tape Dimensions: Loaded quantity 1000 pieces per reel OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. Issue A .3 06/06 Page 6 of 7 OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com Full-Color Top-View Chip LED OVSTRGBLC6 Moisture Resistant Reel Packaging Label Aluminum Moisture-proof Bag Desiccant Bar Code Label OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com Issue A .3 06/06 Page 7 of 7 |
Price & Availability of OVSTRGBLC6 |